Part Number Hot Search : 
ALD1121E PT2305 SM5142 HT48R01 1N1197 NJM25 1N1197 H57V1262
Product Description
Full Text Search
 

To Download 2SC4233 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification silicon npn power transistors 2SC4233 description with to-220c package high breakdown voltage switching power transistor pinning pin description 1 base 2 collector;connected to mounting base 3 emitter absolute maximum ratings(ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 1200 v v ceo collector-emitter voltage open base 800 v v ebo emitter-base voltage open collector 7 v i c collector current 3 a i cm collector current-peak 6 a i b base current 1 a i bm base current-peak 2 a p c collector dissipation t c =25 60 w t j junction temperature 150 t stg storage temperature -55~150 thermal characteristics symbol parameter max unit r th j-c thermal resistance junction case 2.08 /w
inchange semiconductor product specification 2 silicon npn power transistors 2SC4233 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v ceo(sus) collector-emitter sustaining voltage i c =0.1a; r be = 800 v v ce(sat) collector-emitter saturation voltage i c =1.5a; i b =0.3a 1.0 v v be(sat) base-emitter saturation voltage i c =1.5a; i b =0.3a 1.5 v i cbo collector cut-off current i ceo collector cut-off current at rated voltage 100 a i ebo emitter cut-off current at rated voltage 100 a h fe-1 dc current gain i c =1.5a ; v ce =5v 8 h fe-2 dc current gain i c =1ma ; v ce =5v 7 f t transition frequency i c =0.3a ; v ce =10v 8 mhz switching times t on turn-on time 0.5 s t stg storage time 3.5 s t f fall time v bb2 =4v; i c =1.5a i b1 =0.3a;i b2 =0.6a r l =170 0.3 s
inchange semiconductor product specification 3 silicon npn power transistors 2SC4233 package outline fig.2 outline dimensions (unindicated tolerance: 0.10 mm)


▲Up To Search▲   

 
Price & Availability of 2SC4233

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X